PART |
Description |
Maker |
UPD17053 |
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
|
http://
|
UPD17068 UPD17068GF-EXX-3BA |
4-BIT, MROM, MICROCONTROLLER, PQFP100 4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
|
http://
|
PI3039 |
600DPI CIS Image Sensor Chip
|
AMI[AMI SEMICONDUCTOR]
|
MN39116AT |
Diagonal 4.5 mm (type-1/4) 270k-pixel CCD Area Image Sensor IMAGE SENSOR-CCD, SQUARE, THROUGH HOLE MOUNT Image Sensor - Surveillance Cameras(B/W)
|
Panasonic, Corp.
|
IA3004-CE10A |
Color image sensor head (300dpi) Contact Image Sensor Heads > IA-CE Series Image sensor heads for narrow-width scanners
|
Rohm CO.,LTD. ROHM[Rohm]
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
LC898124EP2XC-MH |
Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
|
ON Semiconductor
|
TC5747 |
Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
|
Electronic Theatre Controls, Inc.
|
MT9V135C12STCES MT9V135C12STCH |
1/4-Inch System-On-A-Chip (SOC) VGA NTSC/PAL CMOS Digital Image Sensor
|
Micron Technology
|
MT9V125 |
1/4-Inch System-On-A-Chip (SOC) VGA NTSC and PAL CMOS Digital Image Sensor
|
Aptina Imaging Corporation
|
HV7161SPA2 |
CMOS Image Sensor with Image Signal Processing
|
List of Unclassifed Manufacturers
|